PART |
Description |
Maker |
TC514101AJ-60 TC514101AP TC514101AP-60 TC514101ASJ |
Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:-35V; Output Current:1A; Output Voltage:-15V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole 4,194,304 WORD x 1 BIT DYNAMIC RAM
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
IP140MA IP78M00A IP140M IP78M00 IP78M12H-883B IP14 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 0.5 AMP Positive Voltage Regulator(0.5 A ,12V稳压 0.5 AMP Positive Voltage Regulator(0.5 A ,5V稳压 CGrid VT SMT Rcpt w/peg 30 SAu 42Ckt Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBCY3 Voltage Regulator 电压调节 0.5 AMP Positive Voltage Regulator(0.5 A ,15V稳压 0.5安培正电压稳压器.5甲,15V的稳压器 Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MBCY3
|
SEME-LAB[Seme LAB] Semelab(Magnatec) TT electronics Semelab Limited TT electronics Semelab, Ltd. HI-SINCERITY MICROELECTRONICS, CORP. SEMELAB LTD
|
CA506 SST511 CA508 SST509 SST508 SST510 SST506 SST |
Voltage Regulator IC; Output Current:500mA; Output Voltage:2.8V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Current Regulator Diode
|
Calogic LLC CALOGIC[Calogic LLC] CALOGIC[Calogic, LLC]
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
1N5070 1N5075 1N5078 1N5100 1N5105 1N5103 1N5104 1 |
POWER ZENERS 45 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 180 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 160 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 36 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 14 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 16 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 30 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 18 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 33 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 56 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 10 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE CAP 100PF 100V 5% NP0(C0G) RAD.20 .20X.20 TR-13 20 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Power Zeners. 3 Watt 电源齐纳基准源3瓦特 POWER ZENERS 22 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 220 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 320 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE FUSED-IN-GLASS METALLARGICALTY BONDED 3 WAIT ZENER DIODES
|
MICROSEMI CORP-SCOTTSDALE TE Connectivity, Ltd. Bourns, Inc. Microsemi, Corp. MICROSEMI[Microsemi Corporation] POWER ZENERS
|
LM120AG-12 IP7912K-883B IP7912AIG-DESC IP7915AIG-D |
Negative Fixed Voltage Regulator 1.5 AMP NEGATIVE VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, CBCC3 Voltage Regulator 电压调节 1.5 AMP NEGATIVE VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, CDIP8 A-30069-10A2 No Drain 10Ckt Gold Voltage Regulator - Isolated
|
Infineon Technologies AG Xicon Passive Components TT electronics Semelab, Ltd.
|
ISL6405ERZ-T ISL6405 ISL6405EEB ISL6405EEB-T ISL64 |
Regulator, Current Mode Boost PWM, Dual Output LNB Supply, with I2C Interface, Selectable output 13V or 18V @750mA Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
|
INTERSIL[Intersil Corporation]
|
BA3933 A5800924 |
Regulator LSIs > System regulator > BA392X/BA393X/BA394X/BA395X/BA396X series Reference voltage power supply From old datasheet system
|
ROHM[Rohm]
|
NJM7900 NJM7900FA NJM7905FA NJM7918FA NJM7912FA NJ |
3-Terminal Negative Voltage Regulator(-8V锛?绔???靛?绋冲??? 3-TERMINAL NEGAYIVE VOLTAGE REGULATOR 3-Terminal Negative Voltage Regulator(-5V端负电压稳压 RING/HI-TEMP KRIMPTITE (C-U-128-10) Negative Fixed Voltage Regulator 负固定电压稳压器 3-Terminal Negative Voltage Regulator(-12V锛?绔???靛?绋冲???
|
NJRC[New Japan Radio] New Japan Radio Co., Ltd.
|
LNBP9K7 LNBP8K7 LNBP9K7-R LNBP8K7-R |
LNB Supply and control voltage regulator
|
STMicroelectronics
|
SZ5706 SZ5740 SZ5740KS SZ5110 SZ5706-1 SZ5709K SZ5 |
6.8 ?270 VOLTS ZENER DIODES 40 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.0 WATT 6.8 ?270 VOLTS ZENER DIODES 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 190 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 200 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 45 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 220 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 170 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 75 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC Solid States Devices, I...
|
|